Part Number Hot Search : 
BDX34A 18G2721 STRAIGHT M5230 HM628512 1JU41 KAL25 TA7293
Product Description
Full Text Search
 

To Download ST62E65B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST62Exx-GP
GANG PROGRAMMERS FOR ST62 MCU FAMILY
HARDWARE FEATURES s Programs simultaneously up to 10 ST62Exx EPROM and OTP MCUs s Standalone and PC driven modes s DIP and SO packages supported SOFTWARE FEATURES s Windows based software s S19 or INTEL hex file format DESCRIPTION The ST62 gang programmers are designed for programming up to 10 EPROM or OTP devices. It can run either in standalone or remote mode under control of a Windows compatible PC. In standalone mode, the target ST62 MCUs are programmed with a simple key operation directly from a master EPROM memory or from a master EPROM MCU. Two color LEDs indicate for each target device the operational pass or fail. Both VERIFY and BLANK CHECK functions are provided. In Remote mode, the gang programmer is connected to a PC through an RS232 serial channel. Object code in either S19 or INTEL HEX format is read from disk files to program the target devices. The Windows software also offers VERIFY, BLANK CHECK, READ master and other utility functions. The software allows various user friendly facilities, such as re-instating the same programming session, user selectable programming steps. The gang programmer is made up of a two parts, a base unit common to all ST62XX devices and a dedicated package adaptator.
August 1998
This is advance information from STMicroelectronics. Details are subject to change without notice.
1/2
747
ST62Exx-GP
ORDERING INFORMATION
DEVICE ST62T00/T00C ST62T00/T00C ST62E01/E01C/T01/T01C ST62E01/E01C/T01/T01C ST62T03/T03C ST62T03/T03C ST62T08/T08C ST62T08/T08C ST62T09/T09C ST62T09/T09C ST62E10/E10C/T10/T10C ST62E10/E10C/T10/T10C ST62E15/E15C/T25/T25C ST62E15/E15C/T25/T25C ST62E20/E20C/T20/T20C ST62E20/E20C/T20/T20C ST62E25/E25C/T52/T25C ST62E25/E25C/T25/T25C ST62E40/E40B/T40/T40B ST62E42/E42B/T42/T42B ST62T53B ST62T53B ST62T55B ST62T55B ST62E60B/T60B ST62E60B/T60B ST62T63B ST62T63B ST62E65B/T65B ST62E65B/T65B ST62E80/T80 ST62E81/T81 ST62E85/T85 PACKAGE DIP16 SO16 DIP16 SO16 DIP16 SO16 DIP20 SO20 DIP20 SO20 DIP20 SO20 DIP28 SO28 DIP20 SO20 DIP28 SO28 QFP80 QFP64 DIP20 SO20 DIP28 SO28 DIP20 SO20 DIP20 SO20 DIP28 SO28 QFP100 QFP100 QFP80 GANG PROGRAMMER ST62E0X-GP/DIP ST62E0X-GP/SO ST62E0X-GP/DIP ST62E0X-GP/SO ST62E0X-GP/DIP ST62E0X-GP/SO ST62E10-GP/DIP ST62E10-GP/SO ST62E10-GP/DIP ST62E10-GP/SO ST62E10-GP/DIP ST62E10-GP/SO ST62E15-GP/DIP ST62E15-GP/SO ST62E10-GP/DIP ST62E10-GP/SO ST62E15-GP/DIP ST62E15-GP/SO ST62E40-GP/QFP ST62E42-GP/QFP ST62E60-GP/DIP ST62E60-GP/SO ST62E65-GP/DIP ST62E65-GP/SO ST62E60-GP/DIP ST62E60-GP/SO ST62E60-GP/DIP ST62E60-GP/SO ST62E65-GP/DIP ST62E65-GP/SO ST62E80-GP/QFP ST62E80-GP/QFP ST62E85-GP/QFP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c)1998 STMicroelectronics - All Rights Reserved. Purchase of I2C Components by STMicroelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips. STMicroelectronics Group of Companies Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com
2/2
748


▲Up To Search▲   

 
Price & Availability of ST62E65B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X